Part Number Hot Search : 
LV8220FN TS612 ISPLS SE7812 TA8808BN 2950116 31818 DG12864
Product Description
Full Text Search
 

To Download 0473002000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/26/2010 please check www.molex.com for latest part information part number: 0473002000 status: active overview: slimline_serial_ata_odd_connectors description: 1.00mm (.039"), 1.27mm (.050") pitch slimline serial ata receptacle for optical disk drive, right angle, standard type documents: 3d model product specification ps-47300-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr 19980 general product family pcb receptacles series 47300 application board-to-board comments screw version overview slimline_serial_ata_odd_connectors product name serial ata, slimline serial ata physical circuits (loaded) 13 circuits (maximum) 13 color - resin black durability (mating cycles max) 500 flammability 94v-0 glow-wire compliant no guide to mating part yes keying to mating part yes lock to mating part no material - metal copper alloy material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic number of rows 1 orientation right angle pc tail length (in) 0.000 in pc tail length (mm) 0.00 mm pcb locator yes pcb retention yes pcb thickness recommended (in) 0.000 in pcb thickness recommended (mm) 0.00 mm packaging type embossed tape on reel pitch - mating interface (in) 0.039 in, 0.050 in pitch - mating interface (mm) 1.00 mm, 1.27 mm pitch - term. interface (in) 0.039 in, 0.050 in pitch - term. interface (mm) 1.00 mm, 1.27 mm plating min: mating (in) 4 plating min: mating (m) 0.1 plating min: termination (in) 40 plating min: termination (m) 1 polarized to mating part yes polarized to pcb yes stackable no temperature range - operating -35c to +85c series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 47300 series mates with 473001xxx slimline serial ata plugs
termination interface: style surface mount electrical current - maximum per contact 1.5a grounding to pcb yes voltage - maximum 15v dc material info reference - drawing numbers product specification ps-47300-001 sales drawing sd-47300-200 this document was generated on 05/26/2010 please check www.molex.com for latest part information




▲Up To Search▲   

 
Price & Availability of 0473002000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X